データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD750064CU データシート(PDF) 18 Page - NEC

部品番号 UPD750064CU
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD750064CU データシート(HTML) 18 Page - NEC

Back Button UPD750064CU Datasheet HTML 14Page - NEC UPD750064CU Datasheet HTML 15Page - NEC UPD750064CU Datasheet HTML 16Page - NEC UPD750064CU Datasheet HTML 17Page - NEC UPD750064CU Datasheet HTML 18Page - NEC UPD750064CU Datasheet HTML 19Page - NEC UPD750064CU Datasheet HTML 20Page - NEC UPD750064CU Datasheet HTML 21Page - NEC UPD750064CU Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
18
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
5. MEMORY CONFIGURATION
Program memory (ROM) .... 4096
× 8 bits (
µPD750064)
.... 6144
× 8 bits (
µPD750066)
.... 8192
× 8 bits (
µPD750068)
•
Addresses 0000H and 0001H
Vector table wherein the program start address and the values set for the RBE and MBE at the time a RESET
signal is generated are written. Reset start is possible from any address.
•
Addresses 0002H to 000DH
Vector table wherein the program start address and the values set for the RBE and MBE by each vectored
interrupt are written. Interrupt processing can start from any address.
•
Addresses 0020H to 007FH
Table area referenced by the GETI instructionNote.
Note
The GETI instruction realizes a 1-byte instruction on behalf of any 2-byte instruction, 3-byte
instruction, or two 1-byte instructions. It is used to decrease the number of program steps.
Data memory (RAM)
•
Data area
.... 512 words
× 4 bits (000H to 1FFH)
•
Peripheral hardware area .... 128 words
× 4 bits (F80H to FFFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82