| データシートサーチシステム |
|
UPD750064CU データシート(PDF) 52 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU データシート(HTML) 52 Page - NEC |
|
52 / 82 page ![]() µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) 52 Data Sheet U10165EJ2V0DS00 Instruction Number Number Addressing Mnemonic Operand of Machine Operation Skip Condition Group of Bytes Cycles Area Subroutine RETNote 13 µPD750064 stack control PC11–0 ← (SP) (SP+3) (SP+2) MBE, RBE, 0, 0 ← (SP+1), SP ← SP+4 µPD750066, 750068 PC11–0 ← (SP) (SP+3) (SP+2) MBE, RBE, 0, PC12 ← (SP+1), SP ← SP+4 µPD750064 ×, ×, MBE, RBE ← (SP+4) 0, 0, 0, 0, ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2), SP ← SP+6 µPD750066, 750068 ×, ×, MBE, RBE ← (SP+4) MBE, 0, 0, PC12 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2), SP ← SP+6 RETSNote 1 3+S µPD750064 Unconditional MBE, RBE, 0, 0 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) SP ← SP+4 then skip unconditionally µPD750066, 750068 MBE, RBE, 0, PC12 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) SP ← SP+4 then skip unconditionally µPD750064 0, 0, 0, 0 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) ×, ×, MBE, RBE ← (SP+4) SP ← SP+6 then skip unconditionally µPD750066, 750068 0, 0, 0, PC12 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) ×, ×, MBE, RBE ← (SP+4) SP ← SP+4 then skip unconditionally Note The operations indicated with thick lines can be performed only in the Mk II mode. The other operations can be performed only in the Mk I mode. |