| データシートサーチシステム |
|
UPD750064CU データシート(PDF) 15 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU データシート(HTML) 15 Page - NEC |
|
15 / 82 page ![]() 15 µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) Data Sheet U10165EJ2V0DS00 3.4 Recommended Connection of Unused Pins Table 3-1. List of Recommended Connection of Unused Pins Pin Recommended Connection P00/INT4 Connect to VSS or VDD. P01/SCK Independently connect to VSS or VDD via a resistor. P02/SO/SB0 P03/SI/SB1 Connect to VSS. P10/INT0, P11/INT1 Connect to VSS or VDD. P12/TI1/INT2 P13/TI0 P20/PTO0 Input state: Independently connect to VSS or VDD P21/PTO1 via a resistor. P22/PCL Output state: Leave open. P23/BUZ P30 to P33 P40 to P43 Connect to VSS (do not connect a pull-up resistor P50 to P53 of mask option). P60/KR0/AN4 to Input state: Independently connect to VSS or VDD P63/KR3/AN7 via a resistor. Output state: Leave open. P110/AN0 to P113/AN3 Connect directly to VSS or VDD. XT1Note Connect to VSS. XT2Note Leave open. IC Connect directly to VDD. AVREF Connect to VSS. AVSS Note When the subsystem clock is not used, set SOS.0 to 1 (so as not to use the internal feedback resistor). |