データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD750064CU データシート(PDF) 20 Page - NEC

部品番号 UPD750064CU
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD750064CU データシート(HTML) 20 Page - NEC

Back Button UPD750064CU Datasheet HTML 16Page - NEC UPD750064CU Datasheet HTML 17Page - NEC UPD750064CU Datasheet HTML 18Page - NEC UPD750064CU Datasheet HTML 19Page - NEC UPD750064CU Datasheet HTML 20Page - NEC UPD750064CU Datasheet HTML 21Page - NEC UPD750064CU Datasheet HTML 22Page - NEC UPD750064CU Datasheet HTML 23Page - NEC UPD750064CU Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
20
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Figure 5-2. Program Memory Map (
µPD750066)
0000H
Address
0002H MBE RBE
0
INTBT/INT4
(high-order 5 bits)
start address
0004H MBE RBE
0
INT0
(high-order 5 bits)
start address
0006H MBE RBE
0
INT1
(high-order 5 bits)
start address
0008H MBE RBE
0
INTCSI
(high-order 5 bits)
start address
000AH MBE RBE
0
INTT0
(high-order 5 bits)
start address
0020H
007FH
0080H
07FFH
0800H
MBE RBE
0
Internal reset start address
(high-order 5 bits)
0FFFH
1000H
17FFH
GETI instruction reference table
000CH MBE RBE
0
INTT1
(high-order 5 bits)
start address
(low-order 8 bits)
(low-order 8 bits)
(low-order 8 bits)
(low-order 8 bits)
(low-order 8 bits)
(low-order 8 bits)
(low-order 8 bits)
CALLF
! faddr
instruction
entry
address
BRCB ! caddr
instruction
branch
address
Branch address
of BR BCXA, BR
BCDE, BR ! addr,
BRA ! addr1Note or
CALLA ! addr1Note
instruction
CALL ! addr
instruction
subroutine entry
address
BR $ addr
instruction relative
branch address
–15 to –1,
+2 to +16
Branch destination
address and
subroutine entry
address when GETI
instruction is executed
BRCB ! caddr
instruction
branch
address
765
0
Internal reset start address
INTBT/INT4
INT0
INT1
INTCSI
INTT0
INTT1
start address
start address
start address
start address
start address
start address
Note
Can be used only in the Mk II mode.
Remark In addition to the above, a branch can be taken to the address indicated by changing only the low-order
eight bits of PC by executing the BR PCDE or BR PCXA instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82