データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM385 データシート(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM385
部品情報  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DM385 データシート(HTML) 51 Page - Texas Instruments

Back Button DM385 Datasheet HTML 47Page - Texas Instruments DM385 Datasheet HTML 48Page - Texas Instruments DM385 Datasheet HTML 49Page - Texas Instruments DM385 Datasheet HTML 50Page - Texas Instruments DM385 Datasheet HTML 51Page - Texas Instruments DM385 Datasheet HTML 52Page - Texas Instruments DM385 Datasheet HTML 53Page - Texas Instruments DM385 Datasheet HTML 54Page - Texas Instruments DM385 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
E29
UART0_DSR
UART0_DSR
PINCNTL75 /
0x000E 0000
0x01
I
1
H
H
DVDD
0x4814 0928
SPI[0]_SCS[2]
0x10
I/O
1
I2C[2]_SDA
0x20
I/O
1
SD1_SDWP
0x40
I
0
GP1[3]
0x80
I/O
PIN
E30
UART0_DTR
UART0_DTR
PINCNTL76 /
0x000E 0000
0x01
O
PIN
H
H
DVDD
0x4814 092C
UART1_TXD
0x04
O
PIN
GP1[4]
0x80
I/O
PIN
N26
UART0_RIN
UART0_RIN
PINCNTL77 /
0x000E 0000
0x01
I
1
H
H
DVDD
0x4814 0930
UART1_RXD
0x04
I
1
GP1[5]
0x80
I/O
PIN
D31
UART0_RTS
UART0_RTS
PINCNTL73 /
0x000E 0000
0x01
O
PIN
H
H
DVDD
0x4814 0920
SPI[1]_SCS[2]
0x10
I/O
1
SD2_SDCD
0x40
I
1
J26
UART0_RXD
UART0_RXD
PINCNTL70 /
0x000E 0000
0x01
I
PIN
H
H
DVDD
0x4814 0914
E28
UART0_TXD
UART0_TXD
PINCNTL71 /
0x000E 0000
0x01
O
PIN
H
H
DVDD
0x4814 0918
L22
UART2_RXD
UART2_RXD
PINCNTL69 /
0x000E 0000
0x02
I
1
H
H
DVDD
0x4814 0910
I2C[3]_SCL
0x20
I/O
1
GP1[1]
0x80
I/O
PIN
M21
UART2_TXD
UART2_TXD
PINCNTL68 /
0x000E 0000
0x02
O
PIN
H
H
DVDD
0x4814 090C
I2C[3]_SDA
0x20
I/O
1
GP1[0]
0x80
I/O
PIN
B20
USB0_CE
USB0_CE
NA /
NA
0x01
O
NA
NA
NA
VDDA_USB_3P3
NA
B21
USB0_DM
USB0_DM
NA /
NA
0x01
I/O
NA
NA
NA
VDDA_USB_3P3
NA
A21
USB0_DP
USB0_DP
NA /
NA
0x01
I/O
NA
NA
NA
VDDA_USB_3P3
NA
K23
USB0_DRVVBUS
USB0_DRVVBUS
PINCNTL270 /
0x000C 0000
0x01
O
PIN
L
L
DVDD
0x4814 0C34
GP0[7]
0x02
I/O
PIN
A20
USB0_ID
USB0_ID
NA /
NA
0x01
I
NA
NA
NA
VDDA_USB_3P3
NA
B22
USB0_VBUSIN
USB0_VBUSIN
NA /
NA
0x01
I
NA
NA
NA
VDDA_USB_3P3
NA
C21
USB1_CE
USB1_CE
NA /
NA
0x01
O
NA
NA
NA
VDDA_USB_3P3
NA
B23
USB1_DM
USB1_DM
NA /
NA
0x01
I/O
NA
NA
NA
VDDA_USB_3P3
NA
Copyright © 2013, Texas Instruments Incorporated
Device Pins
51
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More