データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM385 データシート(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM385
部品情報  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DM385 データシート(HTML) 34 Page - Texas Instruments

Back Button DM385 Datasheet HTML 30Page - Texas Instruments DM385 Datasheet HTML 31Page - Texas Instruments DM385 Datasheet HTML 32Page - Texas Instruments DM385 Datasheet HTML 33Page - Texas Instruments DM385 Datasheet HTML 34Page - Texas Instruments DM385 Datasheet HTML 35Page - Texas Instruments DM385 Datasheet HTML 36Page - Texas Instruments DM385 Datasheet HTML 37Page - Texas Instruments DM385 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. Ball Characteristics (AAR Package)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
AF31
AUD_CLKIN0
AUD_CLKIN0
PINCNTL14 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0834
MCA[0]_AHCLKX
0x04
I/O
PIN
ATL_CLKOUT1
0x10
O
PIN
ATL_CLKOUT0
0x20
O
PIN
USB1_DRVVBUS
0x80
O
PIN
AF27
AUD_CLKIN1
AUD_CLKIN1
PINCNTL15 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0838
MCA[1]_AHCLKX
0x04
I/O
PIN
ATL_CLKOUT2
0x10
O
PIN
EDMA_EVT3
0x20
I
PIN
TIM2_IO
0x40
I/O
PIN
GP0[8]
0x80
I/O
PIN
AG30
AUD_CLKIN2
AUD_CLKIN2
PINCNTL16 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 083C
ATL_CLKOUT3
0x10
O
PIN
EDMA_EVT2
0x20
I
PIN
TIM3_IO
0x40
I/O
PIN
GP0[9]
0x80
I/O
PIN
V30
AUXOSC_MXI
AUXOSC_MXI
NA /
NA
0x01
I
NA
NA
NA
VDDS_OSC1_1P8
NA
U31
AUXOSC_MXO
AUXOSC_MXO
NA /
NA
0x01
O
NA
NA
NA
VDDS_OSC1_1P8
NA
AJ31
CLKIN32
CLKIN32
PINCNTL259 /
0x0004 0000
0x01
I
PIN
L
L
DVDD
0x4814 0C08
CLKOUT0
0x04
O
PIN
TIM3_IO
0x40
I/O
PIN
GP3[31]
0x80
I/O
PIN
AB2
CSI2_DX[0]
CSI2_DX[0]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
AA1
CSI2_DX[1]
CSI2_DX[1]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
AA2
CSI2_DX[2]
CSI2_DX[2]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
W2
CSI2_DX[3]
CSI2_DX[3]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
V1
CSI2_DX[4]
CSI2_DX[4]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
AC2
CSI2_DY[0]
CSI2_DY[0]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
AB1
CSI2_DY[1]
CSI2_DY[1]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
Y2
CSI2_DY[2]
CSI2_DY[2]
NA /
NA
0x01
I
NA
NA
NA
VDDA_CSI2_1P8
NA
34
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More