| データシートサーチシステム |
|
DM385 データシート(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 データシート(HTML) 68 Page - Texas Instruments |
|
68 / 281 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.4 Camera Interface (I/F) Table 3-15. Camera I/F Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] CAM_D[0] Camera data input I C2 CAM_D[1] Camera data input I C1 CAM_D[2] Camera data input I B2 CAM_D[3] Camera data input I A2 CAM_D[4] Camera data input I A3 CAM_D[5] Camera data input I B4 CAM_D[6] Camera data input I C5 CAM_D[7] Camera data input I B5 CAM_D[8] Camera data input I K11 CAM_D[9] Camera data input I E12 CAM_D[10] Camera data input I K10 CAM_D[11] Camera data input I D7 CAM_D[12] Camera data input I F9 CAM_D[13] Camera data input I C7 CAM_D[14] Camera data input I A6 CAM_D[15] Camera data input I A5 CAM_FLD Camera Field Identification input I/O J10 CAM_HS Camera Horizontal Synchronization I/O D5 CAM_PCLK Camera Pixel Clock I B3 CAM_RESET Camera Reset. Used for Strobe Synchronization I/O H16 CAM_SHUTTER Camera Mechanical Shutter Control Signal O H13 CAM_STROBE Camera Flash Strobe Control Signal O F13 CAM_VS Camera Vertical Synchronization I/O H9 CAM_WE Camera Write Enable I H17, J10 68 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |