データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR0130CSSC00SPBA0-DR データシート(PDF) 52 Page - ON Semiconductor

部品番号 AR0130CSSC00SPBA0-DR
部品情報  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR データシート(HTML) 52 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 46Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 47Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 48Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 49Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 50Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 51Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 52Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 53Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
52
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Revision History
• Updated “Column Correction Retriggering Due to Mode Change” on page 30
• Updated Figure 26: “Quantum Efficiency – Monochrome Sensor,” on page 36
• Updated Note 4 in Figure 28: “48 iLCC Package Outline Drawing,” on page 38
Rev. E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6/5/12
• Updated Table 2, “Available Part Numbers,” on page 1
• Updated “General Description” on page 6
Rev. D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/19/12
• Updated to Production
• Removed section “Defective Pixel Correction
• Updated Table 9, “I/O Timing Characteristics,” on page 41
• Updated Table 17, “Operating Current Consumption in Parallel Output ,” on page 46
• Updated Table 18, “Standby Current Consumption ,” on page 47
Rev. C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2/16/12
• Updated “Features” on page 17
• Updated Table 1, “Key Parameters,” on page 1
• Updated Table 2, “Available Part Numbers,” on page 1
• Updated “General Description” on page 6
• Updated Figure 1: “Block Diagram,” on page 6
• Deleted Figure 2: “Typical Configuration: Serial Four-Lane HiSPi Interface” from p.6
and renumbered remaining figures.
• Updated notes for Figure 2: “Typical Configuration: Parallel Pixel Data Interface,” on
page 7
• Updated Table 3, “Pad Descriptions,” on page 8
• Updated Figure 3: “48-Pin iLCC Pinout Diagram,” on page 9
• Added Figure 4: “48-Pin PLCC Pinout Diagram,” on page 10
• Deleted section “Serial Output Data Timing”
• Updated title of Figure 26: “Quantum Efficiency – Monochrome Sensor,” on page 36
• Updated Figure 27: “Quantum Efficiency – Color Sensor,” on page 37
• Added Figure 29: “48 PLCC Package Outline Drawing,” on page 39
• Updated “Electrical Specifications” on page 40
• Updated Table 8, “Two-Wire Serial Bus Characteristics,” on page 41
• Updated Table 15, “DC Electrical Characteristics,” on page 45
• Updated Table 16, “Absolute Maximum Ratings,” on page 46
• Deleted Table 13: Operating Currents in HiSPi Output and renumbered succeeding
tables
• Deleted section “HiSPi Electrical Specifications”
• Updated Figure 33: “Power Up,” on page 48
• Updated “Power-Down Sequence” on page 50
• Updated Figure 34: “Power Down,” on page 50
Rev. B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9/12/11
• Updated “Features” on page 17
• Updated Table 1, “Key Parameters,” on page 1
• Updated Table 2, “Available Part Numbers,” on page 1
• Added note to Figure 2: “Typical Configuration: Parallel Pixel Data Interface,” on
page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com