データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5403E-HTST データシート(PDF) 22 Page - ams AG

部品番号 AS5403E-HTST
部品情報  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST データシート(HTML) 22 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 18Page - ams AG AS5403E-HTST Datasheet HTML 19Page - ams AG AS5403E-HTST Datasheet HTML 20Page - ams AG AS5403E-HTST Datasheet HTML 21Page - ams AG AS5403E-HTST Datasheet HTML 22Page - ams AG AS5403E-HTST Datasheet HTML 23Page - ams AG AS5403E-HTST Datasheet HTML 24Page - ams AG AS5403E-HTST Datasheet HTML 25Page - ams AG AS5403E-HTST Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Output Drivers
AS5403 has two output stages, with different characteristics.
The output driver on pin OUT can be programmed as analog
output or low side driver PWM (/PWM), and includes a receiver
for the bidirectional communication used to configure the
device at module level. The driver on pin DSW is a low side only
and can be configured as /PWM (PWM) or digital switch but
doesn’t have the receiver and in communication behaves as
programmed in the EEPROM. Possible configurations for OUT
selectable from EEPROM bits are:
Figure 23:
Possible Configurations of OUT Pin
Note(s) and/or Footnote(s):
1. All other not specified combinations are reserved and not allowed. To avoid floating situation in diagnostic case a pull up resistor
is recommended also in push/pull mode.
Mode
OUT
CFG <2>
OUT
CFG <1>
OUT
CFG <0>
Note
Analog Output
Mode
000
Push-Pull analog output driver external
pull up or pull down required
PWM push/pull
010
Pulse width modulated output with
push/pull driver external pull up required
PWM open drain
011
Pulse width modulated output with low
side driver external pull up required
PWMn push/pull
100
Inverted pulse width modulated output
with push/pull driver external pull up
required
PWMn push/pull
101
Inverted pulse width modulated output
with low side driver external pull up
required
PWM open drain
reduced slew rate
110
Pulse width modulated output with low
side driver external pull up required
reduced falling edge
Output Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66