データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5403E-HTST データシート(PDF) 31 Page - ams AG

部品番号 AS5403E-HTST
部品情報  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST データシート(HTML) 31 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 27Page - ams AG AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG AS5403E-HTST Datasheet HTML 31Page - ams AG AS5403E-HTST Datasheet HTML 32Page - ams AG AS5403E-HTST Datasheet HTML 33Page - ams AG AS5403E-HTST Datasheet HTML 34Page - ams AG AS5403E-HTST Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
ams Datasheet
Page 31
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Programming the AS5403
In case of read command the idle phase between the command
and the answer is TSW.
Figure 35:
Bit Assignment in Frame
Each communication starts with the reception of a request from
the external controller. The request consists of 3 frames: one
synchronization byte and 1 word for the command.
The synchronization frame contains the data 0x55 and allows
the UART to measure the external controller baud-rate.
Figure 36:
Synchronization Frame 0x55 Hex
Symbol
Parameter
Min
Typ
Max
Unit
START
Start bit
1
TBIT
Dx
Data bit
1
TBIT
PAR
Parity bit
1
TBIT
STOP
Stop bit
1
TBIT
TSW
Slave/Master Switch Time
7
TBIT
start
stop
D0
D1
D2
D3
D4
D5
D6
D7
par



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66