| データシートサーチシステム |
|
AS5403E-HTST データシート(PDF) 41 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST データシート(HTML) 41 Page - ams AG |
|
41 / 66 page ![]() ams Datasheet Page 41 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 50: EEPROM Linearization Table 0x05F to 0x07F Figure 51: EEPROM Pre-Scale Linearization 0x1CF Figure 52: EEPROM Post-Processing Offset 0x1D0 Register Hex Access Bit Content Default Note 0x05F R/W D15 to D0 Angle linearization table, value 16 0000 Signed integer [-1;1] 0x060 Angle linearization table, value 0 0x061 Angle linearization table, value 1 :… 0x06F Angle linearization table, value 15 0x070 Angle linearization table, value -16 0x071 Angle linearization table, value -15 :… 0x07E Angle linearization table, value -2 0x07F Angle linearization table, value -1 Register Hex Access Bit Function Default Note 0x1CF R/W D15 (MSB) Pre-Scale linearization Factor +1 decimal Signed integer [-8;8] : D0 (LSB) Register Hex Access Bit Function Default Note 0x1D0 R/W D15 (MSB) Post processing offset 0 Signed integer [-32768;32767] : D0 (LSB) |