| データシートサーチシステム |
|
AS5403E-HTST データシート(PDF) 47 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST データシート(HTML) 47 Page - ams AG |
|
47 / 66 page ![]() ams Datasheet Page 47 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 64: EEPROM Customer ID 0x1FD Figure 65: EEPROM Customer ID 0x1FE Figure 66: EEPROM Customer ID and Signature 0x1FF Register Hex Access Bit Function Default Note 0x1FD R/W D15 (MSB) CUST ID 0 Customer ID number 23 to 8 :: D0 (LSB) 0 Register Hex Access Bit Function Default Note 0x1FE R/W D15 (MSB) CUST ID 0 Customer ID number 39 to 24 :: D0 (LSB) 0 Register Hex Access Bit Function Default Note 0x1FF R/W D15 (MSB) EESIGN 0 EEPROM Signature :: D8 0 D7 CUST ID 0 Customer ID number 47 to 40 :: D0 (LSB) 0 |