| データシートサーチシステム |
|
AS5403E-HTST データシート(PDF) 51 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST データシート(HTML) 51 Page - ams AG |
|
51 / 66 page ![]() ams Datasheet Page 51 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 70: Error Register 2 0x302 Figure 71: Register Temperature 0x510 Register Hex Access Bit Function Note 0x302 R D15 (MSB) Reserved : D11 D10 WD_ERR Watchdog error D9 DWL_BIST_ER EEPROM signature error is generated during the download into SFR mirror D8 TST_ERR Signature error on TEST SFR (they should be at 0 during functional mode D7 SYNCH_ERR Synchronization error between 3D Hall Core data rate and PWM frequency D6 Reserved D5 RD_BACK_ERR2 Read back error on DSW pin D4 RD_BACK_ERR1 Read back error on OUT pin D3 Reserved D2 DSW_SHORT Short circuit error on DSW pin D1 PWM_SHORT Short circuit error on OUT pin D0 (LSB) BIST_ERR EEPROM signature error Register Hex Access Bit Function Note 0x510 R D15 (MSB) Temperature Temperature [°C] = (17325 + value [LSB])/ 315 : D0 (LSB) |