データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCOM10 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STCOM10
部品情報  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 データシート(HTML) 6 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 2Page - STMicroelectronics STCOM10 Datasheet HTML 3Page - STMicroelectronics STCOM10 Datasheet HTML 4Page - STMicroelectronics STCOM10 Datasheet HTML 5Page - STMicroelectronics STCOM10 Datasheet HTML 6Page - STMicroelectronics STCOM10 Datasheet HTML 7Page - STMicroelectronics STCOM10 Datasheet HTML 8Page - STMicroelectronics STCOM10 Datasheet HTML 9Page - STMicroelectronics STCOM10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Description
STCOM
6/58
DocID028515 Rev 1
1
Description
The STCOM is a device that integrates a power line communication (PLC) modem
and a high-performance application core.
The PLC modem architecture has been designed to target EN50065, FCC, ARIB compliant
PLC applications. Together with the application core, it enables the STCOM to support the
PRIME, G1, G3, IEEE 1901.2, METERS AND MORE® and other narrow band PLC protocol
specifications.
The STCOM basic block diagram is shown in Figure 1.
Figure 1. STCOM basic block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58