データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRTAG2KL データシート(PDF) 14 Page - STMicroelectronics

部品番号 SRTAG2KL
部品情報  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL データシート(HTML) 14 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 10Page - STMicroelectronics SRTAG2KL Datasheet HTML 11Page - STMicroelectronics SRTAG2KL Datasheet HTML 12Page - STMicroelectronics SRTAG2KL Datasheet HTML 13Page - STMicroelectronics SRTAG2KL Datasheet HTML 14Page - STMicroelectronics SRTAG2KL Datasheet HTML 15Page - STMicroelectronics SRTAG2KL Datasheet HTML 16Page - STMicroelectronics SRTAG2KL Datasheet HTML 17Page - STMicroelectronics SRTAG2KL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
SRTAG2KL memory management
SRTAG2KL
14/51
DocID026583 Rev 2
An NDEF file can be permanently locked for read or write accesses. Thus, the host cannot
access the NDEF file.
The read password shall be sent to the SRTAG2KL device before reading a read-locked
NDEF file.
The write password shall be present on the SRTAG2KL device before writing a write-locked
NDEF file. The write password shall be sent to change the read or write access. The read or
write access right is defined for the NDEF file.
3.2.1
State of the Read and Write access rights
Two bytes in the CC file are used to define the Read and Write access rights to the NDEF
file. For more details, refer to Section 3.1.2: CC file layout.
The state 0xFF and 0xFE cannot be changed by using the Read or Write passwords.
3.2.2
Changing the read access right to NDEF files
The state diagram on Figure 2 shows how to change the access right to read an NDEF file.
Table 8. Read access right
Value
Meaning
0x00
Read access without any security
0x80
Locked (1)
1. The read password shall be sent before reading in the NDEF file.
0xFE
Read not authorized
Table 9. Write access right
Value
Meaning
0x00
Write access without any security
0x80
Locked (1)
1. The write password shall be sent before writing in the NDEF file.
0xFF
Write not authorized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51