データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRTAG2KL データシート(PDF) 44 Page - STMicroelectronics

部品番号 SRTAG2KL
部品情報  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL データシート(HTML) 44 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 40Page - STMicroelectronics SRTAG2KL Datasheet HTML 41Page - STMicroelectronics SRTAG2KL Datasheet HTML 42Page - STMicroelectronics SRTAG2KL Datasheet HTML 43Page - STMicroelectronics SRTAG2KL Datasheet HTML 44Page - STMicroelectronics SRTAG2KL Datasheet HTML 45Page - STMicroelectronics SRTAG2KL Datasheet HTML 46Page - STMicroelectronics SRTAG2KL Datasheet HTML 47Page - STMicroelectronics SRTAG2KL Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Functional procedures
SRTAG2KL
44/51
DocID026583 Rev 2
7
Functional procedures
This section describes some procedure to access the memory or manage its protection.
7.1
Selection of an NDEF message
The RF host shall use this procedure to detect the NDEF message inside an SRTAG2KL.
The NDEF detection procedure is as follows:
1.
Open an RF session
2.
Send the SelectNDEFTagApplication command
3.
Select the CC file
4.
Read the CC file
5.
Select the NDEF file.
7.2
Reading of an NDEF message
The RF host executes the NDEF read procedure to read the NDEF file.
1.
Detect successfully the NDEF file using the NDEF detection procedure
2.
Check that the read access without any security is granted for the NDEF file from the
information provided by the CC file
3.
Select the NDEF file
4.
Read the NDEF file.
7.3
Reading a locked NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Present the Read password by using the Verify command
4.
Read the data in the NDEF file.
7.4
Locking an NDEF file
The RF host executes this procedure to protect an NDEF file.
1.
Select the NDEF Tag Application
2.
Check the right access provided by the CC file
3.
Select the NDEF file
4.
Present the NDEF file Write password by using the Verify command
5.
Lock the NDEF file by sending the Enable verification command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51