| データシートサーチシステム |
|
SRTAG2KL データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRTAG2KL データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 51 page ![]() DocID026583 Rev 2 29/51 SRTAG2KL RF command sets Table 27 defines the R-APDU of the NDEF Select command. Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes. 5.6.6 System File Select command The RF host uses this command to select the system file. The System file is selected when this command returns "command completed" in the R- APDU. Table 28 defines the C-APDU of the command to select the System file (called System Select). Table 29 defines the R-APDU of the System File Select command. Note: Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes. Table 27. R-APDU of the NDEF Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 File or application not found Table 28. C-APDU of the System File Select command Name CLA INS P1 P2 Lc Data Le 0x00 0xA4 0x00 0x0C 0x02 0xE101 - Class byte Select instruction code P1 field P2 field Number of bytes of data System file ID (empty field) Table 29. R-APDU of the System File Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 System file not found, no data is returned |