データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRTAG2KL データシート(PDF) 45 Page - STMicroelectronics

部品番号 SRTAG2KL
部品情報  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL データシート(HTML) 45 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 41Page - STMicroelectronics SRTAG2KL Datasheet HTML 42Page - STMicroelectronics SRTAG2KL Datasheet HTML 43Page - STMicroelectronics SRTAG2KL Datasheet HTML 44Page - STMicroelectronics SRTAG2KL Datasheet HTML 45Page - STMicroelectronics SRTAG2KL Datasheet HTML 46Page - STMicroelectronics SRTAG2KL Datasheet HTML 47Page - STMicroelectronics SRTAG2KL Datasheet HTML 48Page - STMicroelectronics SRTAG2KL Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
DocID026583 Rev 2
45/51
SRTAG2KL
Functional procedures
7.5
Unlocking an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Present the NDEF file Write password by using the Verify command
4.
Unlock the NDEF file by sending the Disable verification command.
7.6
Reaching the read-only state for an NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Transmit the NDEF file Write password by using the Verify command
4.
Send an EnablePermanentState command.
7.7
Changing a File type Procedure
The RF host executes this procedure to change the File Type of a file for which all access
rights were previously granted.
1.
Select the NDEF Tag Application
2.
Select the File to be modified
3.
Set the File Length to 0x00 using the UpdateBinary command
4.
Send an UpdateFileType command with the New file Type as data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51