| データシートサーチシステム |
|
MCS3142 データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 26 Page - Microchip Technology |
|
26 / 57 page ![]() Embedded Security Development Board 2014 Microchip Technology Inc. DS40001746A-page 25 5.11 ICSP™ PROGRAMMING/DEBUGGING PORTS There are two ICSP™ programming/debugging ports on the Embedded Security Development Board. The ICSP port J4 on the left is used to program the host microcontroller. The ICSP port J5 on the right is used to program the target application microcontroller. Figure 5-2 shows the ICSP ports. FIGURE 5-2: ICSP HEADERS FOR BOTH MICROS 5.12 SX1239 RECEIVER PICtail DAUGHTER BOARD The SX1239 PICtail Receiver Daughter Board is a demonstration and development platform for wireless security remote control applications. Figure 5-3 shows the SX1239 Receiver PICtail Daughter Board. The schematic, PCB layout, and Bill of Materials are listed in Appendix B. “SX1239 Receiver PICtail™ Daughter Board Schematics”. FIGURE 5-3: SX129 PICtail™ DAUGHTER BOARD |