| データシートサーチシステム |
|
MCS3142 データシート(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 20 Page - Microchip Technology |
|
20 / 57 page ![]() Hardware Self-Test 2014 Microchip Technology Inc. DS40001746A-page 19 3.5 SPI TEST The SPI test in hardware self-check is performed to the SPI bus that connects the target application microcontroller and the SX1239 Receiver PICtail Daughter Board. Therefore, the SX1239 Receiver PICtail Daughter Board must have been plugged in before this test starts. Once the SPI test starts, the target application microcontroller requests specific information from the SX1239 receiver through the SPI bus. If the expected response is received, then the “Successful” status will appear; otherwise, the “Fail” status will be displayed. Note: If a PICtail daughter board, other than the SX1239 Receiver PICtail™ Daughter Board, is plugged into the PICtail connector (even though the SPI bus may still be working), the SPI test might show failure status. The demo board expects an SX1239 to be identified on the SPI interface. |