| データシートサーチシステム |
|
MCS3142 データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 30 Page - Microchip Technology |
|
30 / 57 page ![]() Developing with the MCS3142 Wireless Security Remote Control Development Kit 2014 Microchip Technology Inc. DS40001746A-page 29 Intra-Board Communication This file contains the necessary communications between the two sides. The PC appli- cation needs to be informed of any updates relating to KEELOQ. As a consequence, there are numerous places within the target application code that grab data and send to the host controller. This code should be left untouched since it has no effect on the actual data manipulation of KEELOQ. SX1239 This is the receiver that the target uses for receiving demodulated data. It uses SPI communication for its configuration. Please see the SX1239 data sheet for more information regarding its numerous registers and settings. NVM Mediator The “nonvolatile” mediator provides access to the EEPROM where learned devices and their settings are saved. The developer should access this using the find(), write(), read() methods. |