| データシートサーチシステム |
|
MCS3142 データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 12 Page - Microchip Technology |
|
12 / 57 page ![]() Quick Start 2014 Microchip Technology Inc. DS40001746A-page 11 FIGURE 2-1: ORIENTATION OF THE SX1239 RECEIVER PICtail™ DAUGHTER CARD The board can be powered either from a USB cable or external power source. - To power by USB, connect a USB A to mini-B cable to the development board and an available USB port. Set jumper J6 to pins 1-2. No drivers are required to power the board; however, the MCP2200 driver may need to be installed for the PC to Board communication (see Section 8.2 “Installation”) - To power from an external power supply, place jumper J6 to pins 2-3. Connect the test points labeled +VEXT and GND to a bench power supply that is set to 3.3 VDC. |