| データシートサーチシステム |
|
MCS3142 データシート(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 32 Page - Microchip Technology |
|
32 / 57 page ![]() KEELOQ MPLAB X Plugin 2014 Microchip Technology Inc. DS40001746A-page 31 2. Right-click your project and select Set As Main Project. FIGURE 7-2: THE KEELOQ® PROJECT MUST BE THE MAIN PROJECT SO THAT THE PLUGIN CORRECTLY RECOGNIZES THE DEVICE Usage The plugin can be launched via: Tools->Embedded->Keeloq. FIGURE 7-3: THE PLUGIN REQUIRES A MAIN PROJECT THAT HAS A KEELOQ® DEVICE SELECTED The device for this project can be easily modified by: (Right-Click) project-> Properties Note: Make sure that a KEELOQ device is selected in the main project settings |