| データシートサーチシステム |
|
AS7221 データシート(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7221 データシート(HTML) 18 Page - ams AG |
|
18 / 36 page ![]() Page 18 ams Datasheet Document Feedback [v1-01] 2016-Dec-08 AS7221 − Detailed Description Smart Lighting Command Interface The network interface on the Smart Lighting Manager supporting the Smart Lighting Commands is the UART interface. The Smart Lighting Manager adapts the concept of a simple command set for lighting control and configuration. The Smart Lighting Manager uses a text-based serial command interface as popularized by the “AT Command” model used in early Hayes modems. For example: • Set the desired daylight LUX level target: ATLUXT = 500 >> OK The “Smart Lighting Command Interface”, shown below between the network interface and the core of the system, provides access to the Smart Lighting Manager’s lighting control and configuration functions Figure 21: Smart Lighting Command Interface Refer to the separate ams AS7221 Smart Lighting Command Set document for the complete command set and usage. AT Command Interface CLE UART RX Network Bridge TX BLE Wi-Fi ZigBee BacNet KNX AS7221 Smart Lighting Command Interface Smart Lighting Commands |