| データシートサーチシステム |
|
AS7221 データシート(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7221 データシート(HTML) 22 Page - ams AG |
|
22 / 36 page ![]() Page 22 ams Datasheet Document Feedback [v1-01] 2016-Dec-08 AS7221 − Detailed Description Figure 26: I²C Sequential Read I²C Sequential Read: Shows the format of an I²C sequential read access. Sequential Read is the extended form of Random Read, as more than one register-data bytes are transferred subsequently. In difference to the Random Read, for a sequential read the transferred register-data bytes are responded by an acknowledgement from the master. The number of data bytes transferred in one sequence is unlimited (consider the behavior of the word-address counter). To terminate the transmission the master has to send a not-acknowledge following the last data byte and generate the STOP condition subsequently. The AS7221 is compatible to the NXP two wire specifications. www.nxp.com/documents/user_manual/UM10204.pdf Version 4.0 Feb 2012 for standard mode and fast mode. S SW A WA Data 1 N P A WA++ S r SR A read WA++ Data n A read WA++ |