データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7221 データシート(PDF) 35 Page - ams AG

部品番号 AS7221
部品情報  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7221 データシート(HTML) 35 Page - ams AG

Back Button AS7221 Datasheet HTML 28Page - ams AG AS7221 Datasheet HTML 29Page - ams AG AS7221 Datasheet HTML 30Page - ams AG AS7221 Datasheet HTML 31Page - ams AG AS7221 Datasheet HTML 32Page - ams AG AS7221 Datasheet HTML 33Page - ams AG AS7221 Datasheet HTML 34Page - ams AG AS7221 Datasheet HTML 35Page - ams AG AS7221 Datasheet HTML 36Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ams Datasheet
Page 35
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 0-92 (2016-Sep-27) to current revision 1-01 (2016-Dec-08)
Page
0-92 (2016-Sep-27) to 1-00 (2016-Dec-02)
Initial production version for release
Completely revised version
1-00 (2016-Dec-02) to 1-01 (2016-Dec-08)
Updated General Description
1
Updated Figure 6 and notes below
7
Updated Figure 17
15
Updated Figure 27 and Figure 28
23
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36