データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7221 データシート(PDF) 34 Page - ams AG

部品番号 AS7221
部品情報  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7221 データシート(HTML) 34 Page - ams AG

Back Button AS7221 Datasheet HTML 28Page - ams AG AS7221 Datasheet HTML 29Page - ams AG AS7221 Datasheet HTML 30Page - ams AG AS7221 Datasheet HTML 31Page - ams AG AS7221 Datasheet HTML 32Page - ams AG AS7221 Datasheet HTML 33Page - ams AG AS7221 Datasheet HTML 34Page - ams AG AS7221 Datasheet HTML 35Page - ams AG AS7221 Datasheet HTML 36Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-01] 2016-Dec-08
AS7221 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36