データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 73 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 73 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 69Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 70Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 71Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 72Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 73Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
Rev. A
|
Page 73 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Mobile DDR SDRAM Clock and Control Cycle Timing
Table 42 and Figure 20 show mobile DDR SDRAM clock and control cycle timing, related to the dynamic memory controller (DMC).
Table 42. Mobile DDR SDRAM Clock and Control Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz
Parameter
Min
Max
Unit
Switching Characteristics
tCK
Clock Cycle Time (CL = 2 Not Supported)
5
ns
tCH
Minimum Clock Pulse Width
0.45
0.55
tCK
tCL
Maximum Clock Pulse Width
0.45
0.55
tCK
tIS
Control/Address Setup Relative to DMC0_CK Rise
1.5
ns
tIH
Control/Address Hold Relative to DMC0_CK Rise
1.5
ns
Figure 20. Mobile DDR SDRAM Clock and Control Cycle Timing
NOTE: CONTROL =
DMC0_CS0, DMC0_CKE, DMC0_RAS, DMC0_CAS, AND DMC0_WE.
ADDRESS = DMC0_A00-13, AND DMC0_BA0-2.
DMC0_CK
ADDRESS
CONTROL
tIS
tIH
tCK
tCH
tCL
DMC0_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com