データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 24 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 24 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 23Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 24Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 25Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 26Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 27Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Rev. A
|
Page 24 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
MSI0_INT
MSI0 eSDIO Interrupt Input
C
PC_14
PA_00-PA_15
Position 00 through Position 15
A
PA_00-PA_15
PB_00-PB_15
Position 00 through Position 15
B
PB_00-PB_15
PC_00-PC_14
Position 00 through Position 14
C
PC_00-PC_14
PPI0_CLK
EPPI0 Clock
A
PA_14
PPI0_D00
EPPI0 Data 0
B
PB_07
PPI0_D01
EPPI0 Data 1
B
PB_06
PPI0_D02
EPPI0 Data 2
B
PB_05
PPI0_D03
EPPI0 Data 3
B
PB_04
PPI0_D04
EPPI0 Data 4
B
PB_03
PPI0_D05
EPPI0 Data 5
B
PB_02
PPI0_D06
EPPI0 Data 6
B
PB_01
PPI0_D07
EPPI0 Data 7
B
PB_00
PPI0_D08
EPPI0 Data 8
A
PA_11
PPI0_D09
EPPI0 Data 9
A
PA_10
PPI0_D10
EPPI0 Data 10
A
PA_09
PPI0_D11
EPPI0 Data 11
A
PA_08
PPI0_D12
EPPI0 Data 12
C
PC_03
PPI0_D13
EPPI0 Data 13
C
PC_02
PPI0_D14
EPPI0 Data 14
C
PC_01
PPI0_D15
EPPI0 Data 15
C
PC_00
PPI0_D16
EPPI0 Data 16
B
PB_08
PPI0_D17
EPPI0 Data 17
B
PB_09
PPI0_FS1
EPPI0 Frame Sync 1 (HSYNC)
A
PA_12
PPI0_FS2
EPPI0 Frame Sync 2 (VSYNC)
A
PA_13
PPI0_FS3
EPPI0 Frame Sync 3 (FIELD)
A
PA_15
RTC0_CLKIN
RTC0 Crystal input/external oscillator connection
Not Muxed
RTC0_CLKIN
RTC0_XTAL
RTC0 Crystal output
Not Muxed
RTC0_XTAL
SMC0_A01
SMC0 Address 1
A
PA_08
SMC0_A02
SMC0 Address 2
A
PA_09
SMC0_A03
SMC0 Address 3
A
PA_10
SMC0_A04
SMC0 Address 4
A
PA_11
SMC0_A05
SMC0 Address 5
A
PA_07
SMC0_A06
SMC0 Address 6
A
PA_06
SMC0_A07
SMC0 Address 7
A
PA_05
SMC0_A08
SMC0 Address 8
A
PA_04
SMC0_A09
SMC0 Address 9
C
PC_01
SMC0_A10
SMC0 Address 10
C
PC_02
SMC0_A11
SMC0 Address 11
C
PC_03
SMC0_A12
SMC0 Address 12
C
PC_04
SMC0_ABE0
SMC0 Byte Enable 0
A
PA_00
SMC0_ABE1
SMC0 Byte Enable 1
A
PA_01
SMC0_AMS0
SMC0 Memory Select 0
A
PA_15
SMC0_AMS1
SMC0 Memory Select 1
A
PA_02
SMC0_AOE
SMC0 Output Enable
A
PA_12
SMC0_ARDY
SMC0 Asynchronous Ready
A
PA_03
Table 7. ADSP-BF70x 184-Ball CSP_BGA Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More