データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 87 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 87 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 83Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 84Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 85Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 86Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 87Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 88Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 89Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 90Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
Rev. A
|
Page 87 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Serial Peripheral Interface (SPI) Port—Slave Timing
Table 55 and Figure 32 describe serial peripheral interface (SPI) port slave operations. Note that:
• In dual mode data transmit, the SPI_MOSI signal is also an output.
• In quad mode data transmit, the SPI_MOSI, SPI_D2, and SPI_D3 signals are also outputs.
• In dual mode data receive, the SPI_MISO signal is also an input.
• In quad mode data receive, the SPI_MISO, SPI_D2, and SPI_D3 signals are also inputs.
• In SPI slave mode, the SPI clock is supplied externally and is called fSPICLKEXT:
Table 55. Serial Peripheral Interface (SPI) Port—Slave Timing
Parameter
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
MinMax
MinMax
Unit
Timing Requirements
tSPICHS
SPI_CLK High Period
1
1 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPI_CLK. For the external
SPI_CLK ideal maximum frequency see the fSPICLKTEXT specification in Table 18 on Page 52 of Clock Related Operating Conditions.
(0.5 × tSPICLKEXT) – 1.5
(0.5 × tSPICLKEXT) – 1.5
ns
tSPICLS
SPI_CLK Low Period1
(0.5 × tSPICLKEXT) – 1.5
(0.5 × tSPICLKEXT) – 1.5
ns
tSPICLK
SPI_CLK Period
1
tSPICLKEXT – 1.5
tSPICLKEXT – 1.5
ns
tHDS
Last SPI_CLK Edge to SPI_SS Not Asserted
(NonSPIHP)
55
ns
tHDS
Last SPI_CLK Edge to SPI_SS Not Asserted
(Using SPIHP)
1.5 × tSCLK0
1.5 × tSCLK0
ns
tSPITDS
Sequential Transfer Delay (NonSPIHP)
0.5 × tSPICLK – 1.5
0.5 × tSPICLK – 1.5
ns
tSPITDS
Sequential Transfer Delay (Using SPIHP)
3 × tSCLK0
3 × tSCLK0
ns
tSDSCI
SPI_SS Assertion to First SPI_CLK Edge
11.5
11.5
ns
tSSPID
Data Input Valid to SPI_CLK Edge (Data Input
Setup)
1.5
1
ns
tHSPID
SPI_CLK Sampling Edge to Data Input Invalid
3.3
3
ns
Switching Characteristics
tDSOE
SPI_SS Assertion to Data Out Active
0
17.5
0
14.5
ns
tDSDHI
SPI_SS Deassertion to Data High Impedance
0
13
0
11.5
ns
tDDSPID
SPI_CLK Edge to Data Out Valid (Data Out Delay)
17.5
14.5
ns
tHDSPID
SPI_CLK Edge to Data Out Invalid (Data Out Hold) 2.5
2.5
ns
tSPICLKEXT
1
fSPICLKEXT
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com