データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 83 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 83 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 79Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 80Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 81Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 82Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 83Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 84Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 85Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 86Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
Rev. A
|
Page 83 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
The SPT_TDV output signal becomes active in SPORT multichannel mode. During transmit slots (enabled with active channel selection
registers) the SPT_TDV is asserted for communication with external devices.
Table 52. Serial Ports—Transmit Data Valid (TDV)
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Switching Characteristics
tDRDVEN
Data-Valid Enable Delay from Drive Edge of External Clock1
1 Referenced to drive edge.
2.5
2.5
ns
tDFDVEN
Data-Valid Disable Delay from Drive Edge of External Clock1
17.5
14.5
ns
tDRDVIN
Data-Valid Enable Delay from Drive Edge of Internal Clock
1
–4.5
–3.5
ns
tDFDVIN
Data-Valid Disable Delay from Drive Edge of Internal Clock
1
22
ns
Figure 29. Serial Ports—Transmit Data Valid Internal and External Clock
DRIVE EDGE
DRIVE EDGE
SPT_CLK
(SPORT CLOCK
EXTERNAL)
tDRDVEN
tDFDVEN
DRIVE EDGE
DRIVE EDGE
SPT_CLK
(SPORT CLOCK
INTERNAL)
tDRDVIN
tDFDVIN
SPT_A/BTDV
SPT_A/BTDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com