データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 22 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 22 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 19Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 23Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 24Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 25Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
Rev. A
|
Page 22 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
184-BALL CSP_BGA SIGNAL DESCRIPTIONS
The processor’s pin definitions are shown in Table 7. The col-
umns in this table provide the following information:
• Signal Name: The Signal Name column in the table
includes the signal name for every pin and (where applica-
ble) the GPIO multiplexed pin function for every pin.
• Description: The Description column in the table provides
a verbose (descriptive) name for the signal.
• General-Purpose Port: The Port column in the table shows
whether or not the signal is multiplexed with other signals
on a general-purpose I/O port pin.
• Pin Name: The Pin Name column in the table identifies the
name of the package pin (at power on reset) on which the
signal is located (if a single function pin) or is multiplexed
(if a general-purpose I/O pin).
Table 7. ADSP-BF70x 184-Ball CSP_BGA Signal Descriptions
Signal Name
Description
Port
Pin Name
CAN0_RX
CAN0 Receive
C
PC_02
CAN0_TX
CAN0 Transmit
C
PC_03
CAN1_RX
CAN1 Receive
A
PA_12
CAN1_TX
CAN1 Transmit
A
PA_13
CNT0_DG
CNT0 Count Down and Gate
A
PA_07
CNT0_UD
CNT0 Count Up and Direction
A
PA_15
CNT0_ZM
CNT0 Count Zero Marker
A
PA_13
DMC0_A00
DMC0 Address 0
Not Muxed
DMC0_A00
DMC0_A01
DMC0 Address 1
Not Muxed
DMC0_A01
DMC0_A02
DMC0 Address 2
Not Muxed
DMC0_A02
DMC0_A03
DMC0 Address 3
Not Muxed
DMC0_A03
DMC0_A04
DMC0 Address 4
Not Muxed
DMC0_A04
DMC0_A05
DMC0 Address 5
Not Muxed
DMC0_A05
DMC0_A06
DMC0 Address 6
Not Muxed
DMC0_A06
DMC0_A07
DMC0 Address 7
Not Muxed
DMC0_A07
DMC0_A08
DMC0 Address 8
Not Muxed
DMC0_A08
DMC0_A09
DMC0 Address 9
Not Muxed
DMC0_A09
DMC0_A10
DMC0 Address 10
Not Muxed
DMC0_A10
DMC0_A11
DMC0 Address 11
Not Muxed
DMC0_A11
DMC0_A12
DMC0 Address 12
Not Muxed
DMC0_A12
DMC0_A13
DMC0 Address 13
Not Muxed
DMC0_A13
DMC0_BA0
DMC0 Bank Address Input 0
Not Muxed
DMC0_BA0
DMC0_BA1
DMC0 Bank Address Input 1
Not Muxed
DMC0_BA1
DMC0_BA2
DMC0 Bank Address Input 2
Not Muxed
DMC0_BA2
DMC0_CAS
DMC0 Column Address Strobe
Not Muxed
DMC0_CAS
DMC0_CK
DMC0 Clock
Not Muxed
DMC0_CK
DMC0_CKE
DMC0 Clock enable
Not Muxed
DMC0_CKE
DMC0_CK
DMC0 Clock (complement)
Not Muxed
DMC0_CK
DMC0_CS0
DMC0 Chip Select 0
Not Muxed
DMC0_CS0
DMC0_DQ00
DMC0 Data 0
Not Muxed
DMC0_DQ00
DMC0_DQ01
DMC0 Data 1
Not Muxed
DMC0_DQ01
DMC0_DQ02
DMC0 Data 2
Not Muxed
DMC0_DQ02
DMC0_DQ03
DMC0 Data 3
Not Muxed
DMC0_DQ03
DMC0_DQ04
DMC0 Data 4
Not Muxed
DMC0_DQ04
DMC0_DQ05
DMC0 Data 5
Not Muxed
DMC0_DQ05
DMC0_DQ06
DMC0 Data 6
Not Muxed
DMC0_DQ06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com