データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADSP-BF705BBCZ-4 データシート(PDF) 102 Page - Analog Devices

部品番号 ADSP-BF705BBCZ-4
部品情報  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 データシート(HTML) 102 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 98Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 99Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 100Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 101Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 102Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 103Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 104Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 105Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
Rev. A
|
Page 102 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
OUTPUT DRIVE CURRENTS
Figure 50 through Figure 61 show typical current-voltage char-
acteristics for the output drivers of the ADSP-BF70x Blackfin
processors. The curves represent the current drive capability of
the output drivers as a function of output voltage.
Figure 50. Driver Type A Current (1.8 V VDD_EXT)
Figure 51. Driver Type A Current (3.3 V VDD_EXT)
VOH
VOL
25
15
5
SOURCE VOLTAGE (V)
–5
–15
20
10
0
–10
–20
–30
–25
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDD_EXT = 1.9V @ –40°C
VDD_EXT = 1.8V @ 25°C
VDD_EXT = 1.7V @ 125°C
VDD_EXT = 1.9V @ –40°C
VDD_EXT = 1.8V @ 25°C
VDD_EXT = 1.7V @ 125°C
VOH
VOL
60
40
20
SOURCE VOLTAGE (V)
0
–20
–40
–60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD_EXT = 3.47V @ –40°C
VDD_EXT = 3.30V @ 25°C
VDD_EXT = 3.13V @ 125°C
VDD_EXT = 3.47V @ –40°C
VDD_EXT = 3.30V @ 25°C
VDD_EXT = 3.13V @ 125°C
Figure 52. Driver Type D Current (1.8 V VDD_EXT)
Figure 53. Driver Type D Current (3.3 V VDD_EXT)
Figure 54. Driver Type B and Driver Type C (DDR Drive Strength 34 Ω)
VOL
0
–4
–8
SOURCE VOLTAGE (V)
–12
–2
–6
–10
–14
–16
0
0.5
1.0
1.5
2.0
2.5
VDD_EXT = 1.9V @ –40°C
VDD_EXT = 1.8V @ 25°C
VDD_EXT = 1.7V @ 125°C
VOL
5
–5
–15
SOURCE VOLTAGE (V)
–25
–35
0
–10
–20
–30
–40
–50
–45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD_EXT = 3.47V @ –40°C
VDD_EXT = 3.30V @ 25°C
VDD_EXT = 3.13V @ 125°C
–35
–30
–25
–20
–15
–10
–5
0
5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SOURCE VOLTAGE (V)
VDD_DMC = 1.9V @ –40°C
VDD_DMC = 1.8V @ 25°C
VDD_DMC = 1.7V @ 125°C
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com