データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L476VE データシート(PDF) 63 Page - STMicroelectronics

部品番号 STM32L476VE
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE データシート(HTML) 63 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 59Page - STMicroelectronics STM32L476VE Datasheet HTML 60Page - STMicroelectronics STM32L476VE Datasheet HTML 61Page - STMicroelectronics STM32L476VE Datasheet HTML 62Page - STMicroelectronics STM32L476VE Datasheet HTML 63Page - STMicroelectronics STM32L476VE Datasheet HTML 64Page - STMicroelectronics STM32L476VE Datasheet HTML 65Page - STMicroelectronics STM32L476VE Datasheet HTML 66Page - STMicroelectronics STM32L476VE Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
DocID025976 Rev 4
63/232
STM32L476xx
Pinouts and pin description
92
---
-
M4
-
OPAMP2_VINM
I
TT
-
-
-
23 H4 H4
32
J5
43
PA7
I/O
FT_la
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N, SPI1_MOSI,
QUADSPI_BK1_IO2,
LCD_SEG4, TIM17_CH1,
EVENTOUT
OPAMP2_
VINM,
ADC12_
IN12
24 J7 J7
33
K5
44
PC4
I/O
FT_la
-
USART3_TX,
LCD_SEG22, EVENTOUT
COMP1_
INM,
ADC12_
IN13
25 J6 J6
34
L5
45
PC5
I/O
FT_la
-
USART3_RX,
LCD_SEG23, EVENTOUT
COMP1_
INP,
ADC12_
IN14,
WKUP5
26 J5 J5
35
M5
46
PB0
I/O
TT_la
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N,
USART3_CK,
QUADSPI_BK1_IO1,
LCD_SEG5,
COMP1_OUT, EVENTOUT
OPAMP2_
VOUT,
ADC12_
IN15
27 J4 J4
36
M6
47
PB1
I/O
FT_la
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N,
DFSDM_DATIN0,
USART3_RTS_DE,
QUADSPI_BK1_IO0,
LCD_SEG6, LPTIM2_IN1,
EVENTOUT
COMP1_
INM,
ADC12_
IN16
28 J3 J3
37
L6
48
PB2
I/O
FT_a
-
RTC_OUT, LPTIM1_OUT,
I2C3_SMBA,
DFSDM_CKIN0,
EVENTOUT
COMP1_
INP
-
-
-
-
K6
49
PF11
I/O
FT
-
EVENTOUT
-
-
-
-
-
J7
50
PF12
I/O
FT
-
FMC_A6, EVENTOUT
-
---
-
-
51
VSS
S
-
-
-
-
---
-
-
52
VDD
S
-
-
-
-
---
-
K7
53
PF13
I/O
FT
-
DFSDM_DATIN6,
FMC_A7, EVENTOUT
-
---
-
J8
54
PF14
I/O
FT
-
DFSDM_CKIN6,
TSC_G8_IO1, FMC_A8,
EVENTOUT
-
Table 15. STM32L476xxSTM32L476xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More