| データシートサーチシステム |
|
STM32L476VE データシート(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE データシート(HTML) 69 Page - STMicroelectronics |
|
69 / 232 page ![]() DocID025976 Rev 4 69/232 STM32L476xx Pinouts and pin description 92 45 C1 C1 71 A12 104 PA12 I/O FT_u - TIM1_ETR, USART1_RTS_DE, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 C2 C2 72 A11 105 PA13 (JTMS-SWDIO) I/O FT (3) JTMS-SWDIO, IR_OUT, OTG_FS_NOE, EVENTOUT - 47 B1 B1 - - - VSS S - - - - 48 A1 A1 73 C11 106 VDDUSB S - - - - - - - 74 F11 107 VSS S - - - - - - - 75 G11 108 VDD S - - - - 49 B2 B2 76 A10 109 PA14 (JTCK-SWCLK) I/O FT (3) JTCK-SWCLK, EVENTOUT - 50 A2 A2 77 A9 110 PA15 (JTDI) I/O FT_l (3) JTDI, TIM2_CH1, TIM2_ETR, SPI1_NSS, SPI3_NSS, UART4_RTS_DE, TSC_G3_IO1, LCD_SEG17, SAI2_FS_B, EVENTOUT - 51 D3 D3 78 B11 111 PC10 I/O FT_l - SPI3_SCK, USART3_TX, UART4_TX, TSC_G3_IO2, LCD_COM4/LCD_SEG28/ LCD_SEG40, SDMMC1_D2, SAI2_SCK_B, EVENTOUT - 52 C3 C3 79 C10 112 PC11 I/O FT_l - SPI3_MISO, USART3_RX, UART4_RX, TSC_G3_IO3, LCD_COM5/LCD_SEG29/ LCD_SEG41, SDMMC1_D3, SAI2_MCLK_B, EVENTOUT - 53 B3 B3 80 B10 113 PC12 I/O FT_l - SPI3_MOSI, USART3_CK, UART5_TX, TSC_G3_IO4, LCD_COM6/LCD_SEG30/ LCD_SEG42, SDMMC1_CK, SAI2_SD_B, EVENTOUT - - - - 81 C9 114 PD0 I/O FT - SPI2_NSS, DFSDM_DATIN7, CAN1_RX, FMC_D2, EVENTOUT - Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |