データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32F0 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STSPIN32F0
部品情報  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 データシート(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical characteristics
STSPIN32F0
12/40
DocID029806 Rev 2
Figure 3. Gate drivers timing
Thermal protection
TSD
Thermal shut-down temperature
-
130
140
150
°C
Thys
Thermal shut-down hysteresis
-
20
30
40
°C
1. The current consumption depends on the firmware loaded in the microcontroller.
2. UVLO threshold VMon_max.
3. Using the 47
F capacitor (APXG250ARA470MF61G), 22 H inductor (MLF1608C220KTA00), and diode 1N4448TR.
4. With 11 < VM < 13 V the linear output voltage can be VREG12 or 'VM-VREG12,drop' depending on the linear regulator is
already turned-on or not.
5. Figure 3.
6. MT = max. (|ton(LVG) - toff(LVG)|, |ton(HVG) - toff(HVG)|, |toff(LVG) - ton(HVG)|, |toff(HVG) - ton(LVG)|).
7. Guaranteed by design.
8. Guaranteed by IOUT test.
9. See Figure 16 on page 31.
10. 3FG circuitry enabled. The parameter is measured on the active open-drain edge (falling edge).
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40