データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32F0 データシート(PDF) 28 Page - STMicroelectronics

部品番号 STSPIN32F0
部品情報  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 データシート(HTML) 28 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0 Datasheet HTML 31Page - STMicroelectronics STSPIN32F0 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Device description
STSPIN32F0
28/40
DocID029806 Rev 2
6.6.4
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six
channels. It has complementary PWM outputs with programmable inserted deadtimes.
This timer is used to generate the PWM signal for the three half-bridge gate drivers as
shown in Table 10.
6.7
Test mode
A dedicated pin TESTMODE is available to enter into the test mode.
Note:
In the application, the TESTMODE pin should be shorted to GND in order not to enter
the test mode inadvertently.
Table 10. TIM1 channel configuration
MCU I/O
Analog IC input
TIM1 channel
PB13
LS1
TIM1_CH1N
PB14
LS2
TIM1_CH2N
PB15
LS3
TIM1_CH3N
PA8
HS1
TIM1_CH1
PA9
HS2
TIM1_CH2
PA10
HS3
TIM1_CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40