データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32F0 データシート(PDF) 21 Page - STMicroelectronics

部品番号 STSPIN32F0
部品情報  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 データシート(HTML) 21 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DocID029806 Rev 2
21/40
STSPIN32F0
Device description
40
If the failure event occurs on the SW pin and the IOVC threshold is reached the regulator is
latched off. To restart the DC/DC regulator a power-down and power-up cycle of device
supply voltage (VM) is mandatory.
If the failure event occurs on the regulator output (VDDA pin) and the voltage goes below
the UVLO threshold (VDDOff), the regulator restarts with a new soft-start sequence until the
OC condition is removed. In this case the current in the coil is limited by ISW.peak.
The DC/DC regulator embeds a thermal protection as described in Section 6.1.2.
Figure 7. DC/DC buck regulator topology
Figure 8. Soft-start timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40