| データシートサーチシステム |
|
ST7DALIF2 データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 171 page ![]() I/O ports ST7DALIF2 64/171 Legend: NI - not implemented Off - implemented not activated On - implemented and activated Table 25. I/O port mode options Configuration mode Pull-up P-buffer Diodes to VDD to VSS Input Floating with/without Interrupt Off Off On On Pull-up with/without Interrupt On Output Push-pull Off On Open Drain (logic level) Off True Open Drain NI NI NI(1) 1. The diode to VDD is not implemented in the true open drain pads. A local protection between the pad and VOL is implemented to protect the device against positive stress. |