データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7DALIF2 データシート(PDF) 95 Page - STMicroelectronics

部品番号 ST7DALIF2
部品情報  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 データシート(HTML) 95 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 91Page - STMicroelectronics ST7DALIF2 Datasheet HTML 92Page - STMicroelectronics ST7DALIF2 Datasheet HTML 93Page - STMicroelectronics ST7DALIF2 Datasheet HTML 94Page - STMicroelectronics ST7DALIF2 Datasheet HTML 95Page - STMicroelectronics ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics ST7DALIF2 Datasheet HTML 97Page - STMicroelectronics ST7DALIF2 Datasheet HTML 98Page - STMicroelectronics ST7DALIF2 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 171 page
background image
ST7DALIF2
DALI communication module
95/171
Figure 43.
DALI signal sampling
In the example shown in Figure 44, the DCMCSR[3:0] bits are updated automatically at
each edge trigger (DALI signal change of phase). At the same time the value of the 4-bit
sample clock counter is reset. By reading the DCMCSR[3:0] bits software can detect
changes in the DALI signal pulse length.
DALI Signal
12345678910 11 12 13 14 15 12345678910 11 12 13 14 15
Phase Detector
Shifter Clock
Edge Trigger
4-bit Pre-shifter
001
x
4-bit sample clock counter
16-bit Shifter
xxxx
xxx1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More