データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S105C4 データシート(PDF) 79 Page - STMicroelectronics

部品番号 STM8S105C4
部品情報  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 データシート(HTML) 79 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 75Page - STMicroelectronics STM8S105C4 Datasheet HTML 76Page - STMicroelectronics STM8S105C4 Datasheet HTML 77Page - STMicroelectronics STM8S105C4 Datasheet HTML 78Page - STMicroelectronics STM8S105C4 Datasheet HTML 79Page - STMicroelectronics STM8S105C4 Datasheet HTML 80Page - STMicroelectronics STM8S105C4 Datasheet HTML 81Page - STMicroelectronics STM8S105C4 Datasheet HTML 82Page - STMicroelectronics STM8S105C4 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
DocID14771 Rev 15
79/121
STM8S105x4/6
Electrical characteristics
90
Figure 38. Typical NRST pull-up resistance RPU vs VDD @ 4 temperatures
Figure 39. Typical NRST pull-up current Ipu vs VDD @ 4 temperatures
The reset network shown in Figure 40 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below VIL(NRST) max (see Table 41:
NRST pin characteristics
), otherwise the reset is not taken into account internally.
For power consumption sensitive applications, the external reset capacitor value can be
reduced to limit the charge/discharge current. If NRST signal is used to reset external
circuitry, attention must be taken to the charge/discharge time of the external capacitor to
fulfill the external devices reset timing conditions. Minimum recommended capacity is
100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More