データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S105C4 データシート(PDF) 24 Page - STMicroelectronics

部品番号 STM8S105C4
部品情報  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 データシート(HTML) 24 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 20Page - STMicroelectronics STM8S105C4 Datasheet HTML 21Page - STMicroelectronics STM8S105C4 Datasheet HTML 22Page - STMicroelectronics STM8S105C4 Datasheet HTML 23Page - STMicroelectronics STM8S105C4 Datasheet HTML 24Page - STMicroelectronics STM8S105C4 Datasheet HTML 25Page - STMicroelectronics STM8S105C4 Datasheet HTML 26Page - STMicroelectronics STM8S105C4 Datasheet HTML 27Page - STMicroelectronics STM8S105C4 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
Pinout and pin description
STM8S105x4/6
24/121
DocID14771 Rev 15
Figure 4. LQFP44 pinout
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an
exclusive choice not a duplication of the function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More