| データシートサーチシステム |
|
STM8S105C4 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 121 page ![]() DocID14771 Rev 15 49/121 STM8S105x4/6 Option byte 50 8.1 Alternate function remapping bits Table 13. Alternate function remapping bits [7:0] of OPT2 Option byte no. Description(1) 1. Do not use more than one remapping option in the same port. OPT2 AFR7 Alternate function remapping option 7 0: AFR7 remapping option inactive: Default alternate functions.(2) 1: Port D4 alternate function = BEEP. AFR6 Alternate function remapping option 6 0: AFR6 remapping option inactive: Default alternate function.(2) 1: Port B5 alternate function = I2C_SDA; port B4 alternate function = I2C_SCL. AFR5 Alternate function remapping option 5 0: AFR5 remapping option inactive: Default alternate function.(2) 1: Port B3 alternate function = TIM1_ETR; port B2 alternate function = TIM1_NCC3; port B1 alternate function = TIM1_CH2N; port B0 alternate function = TIM1_CH1N. AFR4 Alternate function remapping option 4 0: AFR4 remapping option inactive: Default alternate functions.(2) 1: Port D7 alternate function = TIM1_CH4. AFR3 Alternate function remapping option 3 0: AFR3 remapping option inactive: Default alternate function.(2) 1: Port D0 alternate function = TIM1_BKIN. AFR2 Alternate function remapping option 2 0: AFR2 remapping option inactive: Default alternate functions.(2) 1: Port D0 alternate function = CLK_CCO. Note: AFR2 option has priority over AFR3 if both are activated. AFR1 Alternate function remapping option 1 0: AFR1 remapping option inactive: Default alternate functions.(2) 1: Port A3 alternate function = TIM3_CH1; port D2 alternate function TIM2_CH3 AFR0 Alternate function remapping option 0 0: AFR0 remapping option inactive: Default alternate functions.(2) 1: Port D3 alternate function = ADC_ETR. 2. Refer to STM8S105x4/6 pin descriptions. |