| データシートサーチシステム |
|
STM8S105C4 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 121 page ![]() DocID14771 Rev 15 45/121 STM8S105x4/6 Interrupt vector mapping 50 20 UART2 Tx complete - - 0x00 8058 21 UART2 Receive register DATA FULL - - 0x00 805C 22 ADC1 ADC1 end of conversion/ analog watchdog interrupt - - 0x00 8060 23 TIM4 TIM4 update/ overflow - - 0x00 8064 24 Flash EOP/WR_PG_DIS - - 0x00 8068 Reserved 0x00 806C to 0x00 807C 1. Except PA1. Table 10. Interrupt mapping (continued) IRQ no. Source block Description Wakeup from halt mode Wakeup from active-halt mode Vector address |