| データシートサーチシステム |
|
STM8S105C4 データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 121 page ![]() DocID14771 Rev 15 87/121 STM8S105x4/6 Electrical characteristics 90 Figure 45. ADC accuracy characteristics 1. Example of an actual transfer curve 2. The ideal transfer curve 3. End point correlation line ET = Total unadjusted error: maximum deviation between the actual and the ideal transfer curves. EO = Offset error: deviation between the first actual transition and the first ideal one. EG = Gain error: deviation between the last ideal transition and the last actual one. ED = Differential linearity error: maximum deviation between actual steps and the ideal one. EL = Integral linearity error: maximum deviation between any actual transition and the end point correlation line. Figure 46. Typical application with ADC 1. Legend: RAIN = external resistance, CAIN = capacitors, Csamp = internal sample and hold capacitor. 2. ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and IINJ(PIN) in Section 10.3.6 does not affect the ADC accuracy. EO EG 1LSBIDEAL 1LSBIDEAL VDDA VSSA – 1024 ----------------------------------------- = 1023 1022 1021 5 4 3 2 1 0 7 6 1 234 567 1021102210231024 (1) (2) ET ED EL (3) VDDA VSSA |