データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L431 データシート(PDF) 57 Page - STMicroelectronics

部品番号 STM32L431
部品情報  RTC with HW calendar, alarms and calibration
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L431 データシート(HTML) 57 Page - STMicroelectronics

Back Button STM32L431 Datasheet HTML 53Page - STMicroelectronics STM32L431 Datasheet HTML 54Page - STMicroelectronics STM32L431 Datasheet HTML 55Page - STMicroelectronics STM32L431 Datasheet HTML 56Page - STMicroelectronics STM32L431 Datasheet HTML 57Page - STMicroelectronics STM32L431 Datasheet HTML 58Page - STMicroelectronics STM32L431 Datasheet HTML 59Page - STMicroelectronics STM32L431 Datasheet HTML 60Page - STMicroelectronics STM32L431 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 200 page
background image
DocID028800 Rev 1
57/200
STM32L431xx
Pinouts and pin description
77
14 18 18 G5 F4 26 F5
35
M5
PB0
I/O
FT_a
-
TIM1_CH2N, SPI1_NSS,
USART3_CK,
QUADSPI_BK1_IO1,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
ADC1_IN15
15 19 19 G4 H5 27 G5 36
M6
PB1
I/O
FT_a
-
TIM1_CH3N,
USART3_RTS_DE,
LPUART1_RTS_DE,
QUADSPI_BK1_IO0,
LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC1_IN16
- 20 20G3 G428 G6 37
L6
PB2
I/O
FT_a
-
RTC_OUT, LPTIM1_OUT,
I2C3_SMBA, EVENTOUT
COMP1_INP
---
-
-
-
-
38
M7
PE7
I/O
FT
-
TIM1_ETR, SAI1_SD_B,
EVENTOUT
-
---
-
-
-
-
39
L7
PE8
I/O
FT
-
TIM1_CH1N,
SAI1_SCK_B,
EVENTOUT
-
---
-
-
-
-
40
M8
PE9
I/O
FT
-
TIM1_CH1, SAI1_FS_B,
EVENTOUT
-
---
-
-
-
-
41
L8
PE10
I/O
FT
-
TIM1_CH2N,
TSC_G5_IO1,
QUADSPI_CLK,
SAI1_MCLK_B,
EVENTOUT
-
---
-
-
-
-
42
M9
PE11
I/O
FT
-
TIM1_CH2,
TSC_G5_IO2,
QUADSPI_BK1_NCS,
EVENTOUT
-
---
-
-
-
-
43
L9
PE12
I/O
FT
-
TIM1_CH3N, SPI1_NSS,
TSC_G5_IO3,
QUADSPI_BK1_IO0,
EVENTOUT
-
---
-
-
-
-
44 M10
PE13
I/O
FT
-
TIM1_CH3, SPI1_SCK,
TSC_G5_IO4,
QUADSPI_BK1_IO1,
EVENTOUT
-
---
-
-
-
-
45 M11
PE14
I/O
FT
-
TIM1_CH4, TIM1_BKIN2,
TIM1_BKIN2_COMP2,
SPI1_MISO,
QUADSPI_BK1_IO2,
EVENTOUT
-
Table 14. STM32L431xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More