データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L431 データシート(PDF) 62 Page - STMicroelectronics

部品番号 STM32L431
部品情報  RTC with HW calendar, alarms and calibration
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L431 データシート(HTML) 62 Page - STMicroelectronics

Back Button STM32L431 Datasheet HTML 58Page - STMicroelectronics STM32L431 Datasheet HTML 59Page - STMicroelectronics STM32L431 Datasheet HTML 60Page - STMicroelectronics STM32L431 Datasheet HTML 61Page - STMicroelectronics STM32L431 Datasheet HTML 62Page - STMicroelectronics STM32L431 Datasheet HTML 63Page - STMicroelectronics STM32L431 Datasheet HTML 64Page - STMicroelectronics STM32L431 Datasheet HTML 65Page - STMicroelectronics STM32L431 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 200 page
background image
Pinouts and pin description
STM32L431xx
62/200
DocID028800 Rev 1
---
-
-
-
-
88
A5
PD7
I/O
FT
-
USART2_CK,
QUADSPI_BK2_IO3,
EVENTOUT
-
26 39 39 A3 A5 55 A5 89
A8
PB3
(JTDO-
TRACE
SWO)
I/O
FT_a (3)
JTDO-TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK,
USART1_RTS_DE,
SAI1_SCK_B,
EVENTOUT
COMP2_INM
27 40 40 A4 B4 56 A4 90
A7
PB4
(NJTRST)
I/O
FT_fa (3)
NJTRST, I2C3_SDA,
SPI1_MISO, SPI3_MISO,
USART1_CTS,
TSC_G2_IO1,
SAI1_MCLK_B,
EVENTOUT
COMP2_INP
28 41 41 B4 C4 57 C4 91
C5
PB5
I/O
FT
-
LPTIM1_IN1,
I2C1_SMBA,
SPI1_MOSI, SPI3_MOSI,
USART1_CK,
TSC_G2_IO2,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
-
29 42 42 C4 B5 58 D3 92
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX,
TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
30 43 43 D4 A6 59 C3 93
B4
PB7
I/O
FT_fa
-
LPTIM1_IN2, I2C1_SDA,
USART1_RX,
TSC_G2_IO4,
EVENTOUT
COMP2_INM,
PVD_IN
31 44 44 A5 C5 60 B4 94
A4
PH3/
BOOT0
I/O
FT
-
EVENTOUT
BOOT0
- 45 45 B5 C6 61 B3 95
A3
PB8
I/O
FT_f
-
I2C1_SCL, CAN1_RX,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
-
- 46 46 C5 B6 62 A3 96
B3
PB9
I/O
FT_f
-
IR_OUT, I2C1_SDA,
SPI2_NSS, CAN1_TX,
SDMMC1_D5,
SAI1_FS_A, EVENTOUT
-
Table 14. STM32L431xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More