| データシートサーチシステム |
|
STM32L431 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 200 page ![]() DocID028800 Rev 1 61/200 STM32L431xx Pinouts and pin description 77 25 38 38 B3 A2 50 A6 77 A9 PA15 (JTDI) I/O FT (3) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, TSC_G3_IO1, SWPMI1_SUSPEND, EVENTOUT - --- - C3 51 B7 78 B11 PC10 I/O FT - SPI3_SCK, USART3_TX, TSC_G3_IO2, SDMMC1_D2, EVENTOUT - --- - B3 52 B6 79 C10 PC11 I/O FT - SPI3_MISO, USART3_RX, TSC_G3_IO3, SDMMC1_D3, EVENTOUT - - - - - A3 53 C5 80 B10 PC12 I/O FT - SPI3_MOSI, USART3_CK, TSC_G3_IO4, SDMMC1_CK, EVENTOUT - --- - - - - 81 C9 PD0 I/O FT - SPI2_NSS, CAN1_RX, EVENTOUT - --- - - - - 82 B9 PD1 I/O FT - SPI2_SCK, CAN1_TX, EVENTOUT - --- - A4 54 B5 83 C8 PD2 I/O FT - USART3_RTS_DE, TSC_SYNC, SDMMC1_CMD, EVENTOUT - --- - - - - 84 B8 PD3 I/O FT - SPI2_MISO, USART2_CTS, QUADSPI_BK2_NCS, EVENTOUT - --- - - - - 85 B7 PD4 I/O FT - SPI2_MOSI, USART2_RTS_DE, QUADSPI_BK2_IO0, EVENTOUT - --- - - - - 86 A6 PD5 I/O FT - USART2_TX, QUADSPI_BK2_IO1, EVENTOUT - --- - - - - 87 B6 PD6 I/O FT - USART2_RX, QUADSPI_BK2_IO2, SAI1_SD_A, EVENTOUT - Table 14. STM32L431xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |