| データシートサーチシステム |
|
STM32L431 データシート(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 データシート(HTML) 117 Page - STMicroelectronics |
|
117 / 200 page ![]() DocID028800 Rev 1 117/200 STM32L431xx Electrical characteristics 168 Figure 25. Typical current consumption versus MSI frequency IDD(MSI)(4) MSI oscillator power consumption MSI and PLL mode Range 0 - - 0.6 1 µA Range 1 - - 0.8 1.2 Range 2 - - 1.2 1.7 Range 3 - - 1.9 2.5 Range 4 - - 4.7 6 Range 5 - - 6.5 9 Range 6 - - 11 15 Range 7 - - 18.5 25 Range 8 - - 62 80 Range 9 - - 85 110 Range 10 - - 110 130 Range 11 - - 155 190 1. Guaranteed by characterization results. 2. This is a deviation for an individual part once the initial frequency has been measured. 3. Sampling mode means Low-power run/Low-power sleep modes with Temperature sensor disable. 4. Guaranteed by design. Table 48. MSI oscillator characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |