データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L443CC データシート(PDF) 83 Page - STMicroelectronics

部品番号 STM32L443CC
部品情報  Batch acquisition mode
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CC データシート(HTML) 83 Page - STMicroelectronics

Back Button STM32L443CC Datasheet HTML 79Page - STMicroelectronics STM32L443CC Datasheet HTML 80Page - STMicroelectronics STM32L443CC Datasheet HTML 81Page - STMicroelectronics STM32L443CC Datasheet HTML 82Page - STMicroelectronics STM32L443CC Datasheet HTML 83Page - STMicroelectronics STM32L443CC Datasheet HTML 84Page - STMicroelectronics STM32L443CC Datasheet HTML 85Page - STMicroelectronics STM32L443CC Datasheet HTML 86Page - STMicroelectronics STM32L443CC Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 207 page
background image
DocID028739 Rev 2
83/207
STM32L443CC STM32L443RC STM32L443VC
Electrical characteristics
177
6.1.7
Current consumption measurement
Figure 17. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 17: Voltage characteristics,
Table 18: Current characteristics and Table 19: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 17. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including
VDD, VDDA, VDDUSB, VLCD, VBAT)
-0.3
4.0
V
VIN(2)
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA, VDDUSB, VLCD)
+ 4.0(3)(4)
V
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on any other pins
VSS-0.3
4.0
|∆VDDx|
Variations between different VDDX power
pins of the same domain
-50
mV
|VSSx-VSS|
Variations between all the different ground
pins(5)
-50
mV
1. All main power (VDD, VDDA, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the external
power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table 18: Current characteristics for the maximum allowed injected
current values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More